12khz-20mhz table 1 frequency stability v ( temperature, tolerance at 25c, load, vdd (+/-5%), and aging.) the ACT9210 pecl / lvds oscillator is a miniature low profile device allowing for frequencies up to 180.0mhz to be available in a 7x5 mm surface mount package, utilising fundamental and 3rd overtone crystals. the metal lid is grounded through the ceramic package and the pads are gold plated. this device is particularly suited to communications / networking applications and also to many other applications where a low voltage pecl / lvds output is required. only 7x5mm this device is particularly popular where board space dictates small size and / or automatic assembly is a requirement. the devices are available loose or taped and reeled to suit both low and higher volume requirements. temp operating range temp storage range output level ?1? duty cycle output level ?0? supply voltage supply current (max) 0 ~ +70c std, -40 ~ +85c also avail. -55 to +125c aging in line with our ongoing policy of product evolvement and improvement, the above specification may subject to change without no tice specification please note that all parameters can not necessarily be specified in the same device vol customer to specify :frequency, frequency stability, operating temperature range, output enable, voltage, duty cycle & output type symbol parameter 50% +/- 5% ( 50% of waveform ) please specify tw/t output load start-up time rise & fall time (max) topr tstg vdd iop fo df/fo frequency range frequency stability vdd - 1.024 v min (pecl), 1.375 v min (lvds), 2.5vdc 5% 3.3vdc 5% 5.0vdc 5% 70ma max 80ma max 120ma max condition specification 19.44mhz ~ 180.0mhz please refer to table 1 @ 20 ~ 80% of waveform tj @ 20 ~ 80% of waveform 600ps typ., 850ps max tosc vdd - 2.0vdc to 50 (lv/pecl), 100 differential load (lvds) 10ms max 3ppm / year max phase jitter tel : 0044 (0) 118 979 1238 fax : 0044 (0) 118 979 1283 email : info@actcrystals.com 500ps typ., 850ps max vdd -1.620 v max (pecl), 1.125 v max (lvds) please specify please specify lvpecl / pecl ACT9210 lvpecl / pecl / lvds oscillator 1.0ps rms max iso9001:2000 registered for quotations or further information please contact us at: 3 the business centre, molly millars lane, wokingham, berks, rg41 2ey, uk http://www.actcrystals.com fa tr/tf n/cl voh +/-25ppm +/-30ppm +/-50ppm o o +/-100ppm -10~+70c o o o o o +/-20ppm o o o -40~+85c o o o -20~+70c o issue : 4 d2 date : 9-11-05 pad surface material au
maximum re-flow profile in line with our ongoing policy of product evolvement and improvement, the above specification may subject to change without no tice iso9001:2000 registered for quotations or further information please contact us at: 3 the business centre, molly millars lane, wokingham, berks, rg41 2ey, uk http://www.actcrystals.com tel : 0044 (0) 118 979 1238 fax : 0044 (0) 118 979 1283 email : info@actcrystals.com ACT9210 tape and reel dimensions (mm) 1000pieces per reel ACT9210 issue : 4 d2 date : 9-11-05
|